Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2298UP Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2298UP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298UP Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2298UP Datasheet HTML 9Page - Linear Technology LTC2298UP Datasheet HTML 10Page - Linear Technology LTC2298UP Datasheet HTML 11Page - Linear Technology LTC2298UP Datasheet HTML 12Page - Linear Technology LTC2298UP Datasheet HTML 13Page - Linear Technology LTC2298UP Datasheet HTML 14Page - Linear Technology LTC2298UP Datasheet HTML 15Page - Linear Technology LTC2298UP Datasheet HTML 16Page - Linear Technology LTC2298UP Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2298/LTC2297/LTC2296
13
229876f
FUNCTIONAL BLOCK DIAGRA
Figure 1. Functional Block Diagram (Only One Channel is Shown)
SHIFT REGISTER
AND CORRECTION
DIFF
REF
AMP
REF
BUF
2.2µF
1µF1µF
0.1µF
INTERNAL CLOCK SIGNALS
REFH
REFL
CLOCK/DUTY
CYCLE
CONTROL
RANGE
SELECT
1.5V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
SIXTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
REFH
REFL
CLK
OE
MODE
OGND
OVDD
229876 F01
INPUT
S/H
SENSE
VCM
AIN
–
AIN
+
2.2µF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
SHDN
OF
D13
D0
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com