Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD2 Datasheet HTML 9Page - Texas Instruments SN65MLVD2 Datasheet HTML 10Page - Texas Instruments SN65MLVD2 Datasheet HTML 11Page - Texas Instruments SN65MLVD2 Datasheet HTML 12Page - Texas Instruments SN65MLVD2 Datasheet HTML 13Page - Texas Instruments SN65MLVD2 Datasheet HTML 14Page - Texas Instruments SN65MLVD2 Datasheet HTML 15Page - Texas Instruments SN65MLVD2 Datasheet HTML 16Page - Texas Instruments SN65MLVD2 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.ti.com
0
1
2
3
4
5
25
50
75
100
125
f
-ClockFrequency-MHz
CLK
MLVD2(Type1)
MLVD3(Type2)
V
=3.3V,T =25 C,
SeeFigure4
CC
A
º
0
1
2
3
4
5
25
50
75
100
125
f
-ClockFrequency-MHz
CLK
MLVD3(Type2)
MLVD2(Type1)
V
=3.3V,T =25 C,
SeeFigure4
CC
A
º
EYE PATTERNS
666.9ps/div
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
ADDED RECEIVER PERIOD JITTER
ADDED RECEIVER CYCLE-TO-CYCLE JITTER
vs
vs
CLOCK FREQUENCY
CLOCK FREQUENCY
Figure 13.
Figure 14.
Figure 15. SN65MLVD2 Output (VCC = 3.3 V, CL = 15 pF) 250 Mbps 2
15–1 PRBS
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com