Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676B Datasheet(PDF) 2 Page - NEC

Part # UPC1676B
Description  1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676B Datasheet(HTML) 2 Page - NEC

  UPC1676B Datasheet HTML 1Page - NEC UPC1676B Datasheet HTML 2Page - NEC UPC1676B Datasheet HTML 3Page - NEC UPC1676B Datasheet HTML 4Page - NEC UPC1676B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Frequency, f (MHz)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Power Supply Voltage
V
6
PT
Total Power Dissipation
UPC1676B/P
W
1.5 (TC = +125
°C)
UPC1676G
mW
200 (TA = +85
°C)
TOP
Operating Temperature
UPC1676B/P
°C
-55 to +125
UPC1676G
°C
-40 to +85
TSTG
Storage Temperature
UPC1676B/P
°C
-65 to +200
UPC1676G
°C
-55 to +150
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
VCC = 5 V
0
-10
-20
-30
10
20
50
100
200
500
1000
2000
VCC
OUT
GND
IN
EQUIVALENT CIRCUIT
UPC1676B, UPC1676G, UPC1676P
VCC = 5 V
f = 500 MHz
15
10
5
0
-5
-10
-15
-35
-30
-25
-20
-15
-10
-5
UPC1676B/P
INPUT POWER vs. OUTPUT POWER
Input Power, PIN (dBm)
25
20
15
10
5
0
0
1
2
3
4
5
6
Supply Voltage, VCC (V)
UPC1676B/P
ISOLATION vs. FREQUENCY
CIRCUIT CURRENT vs. VOLTAGE
30
20
10
0
-50
0
50
100
UPC1676G
CIRCUIT CURRENT
vs. OPERATING TEMPERATURE
Operating Temperature, TOP (
°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com