Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88823VKITR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY88823VKITR
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88823VKITR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY88823VKITR Datasheet HTML 3Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 4Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 5Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 6Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 7Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 8Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 9Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 10Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
SY88823V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
10 LEAD EPAD-MSOP (K10-2)
Rev.01
+0.05
-0.05
+0.002
-0.002
+0.08
-0.08
+0.003
-0.003
+0.15
-0.15
+0.004
-0.004
+0.008
-0.008
+0.003
-0.003
+0.07
-0.08
+0.003
-0.003
+0.10
-0.10
+0.004
-0.004
+0.15
-0.15
+0.006
-0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com