Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88823VMI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88823VMI
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88823VMI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88823VMI Datasheet HTML 1Page - Micrel Semiconductor SY88823VMI Datasheet HTML 2Page - Micrel Semiconductor SY88823VMI Datasheet HTML 3Page - Micrel Semiconductor SY88823VMI Datasheet HTML 4Page - Micrel Semiconductor SY88823VMI Datasheet HTML 5Page - Micrel Semiconductor SY88823VMI Datasheet HTML 6Page - Micrel Semiconductor SY88823VMI Datasheet HTML 7Page - Micrel Semiconductor SY88823VMI Datasheet HTML 8Page - Micrel Semiconductor SY88823VMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
SY88823V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; TA = –40°C to +85°C; RLOAD = 50Ω to VCC; typical values at VCC = 3.3V, TA = 25°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
35
dB
tr,tf
Output Rise/Fall Time
Note 8
60
120
ps
(20% to 80%)
t
JITTER
Deterministic
Note 9
15
ps
PP
Random
5ps
RMS
V
ID
Differential Input Voltage Swing
10
1800
mVPP
V
OD
Differential Output Voltage Swing
3.3V, Note 8
700
800
950
mVPP
5V, Note 8
700
800
1020
mVPP
HYS
SD Hysteresis
Note 10
2
4.6
8
dB
t
OFF
SD Release Time
0.1
0.5
µs
t
ON
SD Assert Time
0.2
0.5
µs
V
SR
SD Sensitivity Range
Note 11
10
35
mVPP
B
–3dB
–3dB Bandwidth
2.0
GHz
A
V(Diff)
Differential Voltage Gain
32
38
dB
S
21
Single-Ended Small Signal-Gain
26
32
dB
Notes:
8. Amplifier in limiting mode. Input is a 200MHz square wave, tr < 300ps.
9. Deterministic jitter measured using 2.488Gbps K28.5 pattern, VID = 10mVpp. Random jitter measured using 2.488Gbps K28.7 pattern, VID = 10mVpp.
10. Electrical signal.
11. This is the detectable range of input amplitudes that can de-assert SD. The input amplitude to assert SD is 2–8dB higher than the de-assert amplitude.
See “Typical Operating Characteristics” for graphs showing how to choose a particular RSDLVL or VSDLVL for a particular SD de-assert, and its
associated assert, amplitude. If increased SD sensitivity and hysteresis are required, an application note entitled “Notes on Sensitivity and Hysteresis
in Micrel Post Amplifiers” is available at http://www.micrel.com/product-info/app_hints+notes.shtml.
AC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com