Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32H7
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 63Page - STMicroelectronics STM32H7 Datasheet HTML 64Page - STMicroelectronics STM32H7 Datasheet HTML 65Page - STMicroelectronics STM32H7 Datasheet HTML 66Page - STMicroelectronics STM32H7 Datasheet HTML 67Page - STMicroelectronics STM32H7 Datasheet HTML 68Page - STMicroelectronics STM32H7 Datasheet HTML 69Page - STMicroelectronics STM32H7 Datasheet HTML 70Page - STMicroelectronics STM32H7 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 357 page
background image
DS12110 Rev 10
67/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
15
F1
26
J1
M2
32
35
L2
PC0
I/O
FT_a
-
DFSDM1_CKIN0,
DFSDM1_DATIN4,
SAI2_FS_B,
OTG_HS_ULPI_STP,
FMC_SDNWE, LCD_R5,
EVENTOUT
ADC123_
INP10
16
F2
27
J2
M3
33
36
M2
PC1
I/O
FT_
ha
-
TRACED0, SAI1_D1,
DFSDM1_DATIN0,
DFSDM1_CKIN4,
SPI2_MOSI/I2S2_SDO,
SAI1_SD_A, SAI4_SD_A,
SDMMC2_CK, SAI4_D1,
ETH_MDC,
MDIOS_MDC,
EVENTOUT
ADC123_
INN10,
ADC123_
INP11,
RTC_TAMP3/
WKUP6
--
-
-
-
-
-
M3(5)
PC2
I/O
FT_a
-
CDSLEEP,
DFSDM1_CKIN1,
SPI2_MISO/I2S2_SDI,
DFSDM1_CKOUT,
OTG_HS_ULPI_DIR,
ETH_MII_TXD2,
FMC_SDNE0,
EVENTOUT
ADC123_
INN11,
ADC123_
INP12
17
(6)
E2(6) 28(6) K2(6) M4(6) 34(6) 37(6) R1(5)
PC2_C
ANA TT_a
-
ADC3_INN1,
ADC3_INP0
--
-
-
-
-
-
M4(5)
PC3
I/O
FT_a
-
CSLEEP,
DFSDM1_DATIN1,
SPI2_MOSI/I2S2_SDO,
OTG_HS_ULPI_NXT,
ETH_MII_TX_CLK,
FMC_SDCKE0,
EVENTOUT
ADC12_INN12,
ADC12_INP13
18
(6)
F3(6) 29(6) K1(6) M5(6) 35(6) 38(6) R2(5)
PC3_C
ANA TT_a
-
ADC3_INP1
-
F5
30
-
G3
36
39
E11
VDD
S
-
-
-
-
-
E6
-
B3
J10
-
-
C13
VSS
S
-
-
-
-
19
G1
31
J3
M1
37
40
P1
VSSA
S
-
-
-
-
-
-
-
-
N1
-
-
N1
VREF-
S
-
-
-
-
20
-(7)
32
L2
P1
38
41
M1
VREF+
S
-
-
-
-
21
H1
33
L1
R1
39
42
L1
VDDA
S
-
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com