Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32H7
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 116Page - STMicroelectronics STM32H7 Datasheet HTML 117Page - STMicroelectronics STM32H7 Datasheet HTML 118Page - STMicroelectronics STM32H7 Datasheet HTML 119Page - STMicroelectronics STM32H7 Datasheet HTML 120Page - STMicroelectronics STM32H7 Datasheet HTML 121Page - STMicroelectronics STM32H7 Datasheet HTML 122Page - STMicroelectronics STM32H7 Datasheet HTML 123Page - STMicroelectronics STM32H7 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
120/357
DS12110 Rev 10
APB1
(continued)
UART5 registers
1.4
1.4
1
µA/MHz
UART5 kernel
3.6
3.2
3.1
I2C1 registers
0.8
0.8
0.6
I2C1 kernel
2
1.8
1.7
I2C2 registers
0.7
0.7
0.4
I2C2 kernel
1.9
1.7
1.6
I2C3 registers
0.9
0.7
0.6
I2C3 kernel
2.1
1.9
1.9
HDMI-CEC
registers
0.5
0.3
0.3
DAC1/2
1.4
1.1
0.9
USART7 registers
1.9
1.8
1.3
USART7 kernel
4
3.5
3.3
USART8 registers
1.6
1.5
1.2
USART8 kernel
4
3.6
3.3
CRS
3.4
3.1
2.9
SWPMI registers
2.3
2
2
SWPMI kernel
0.1
0.1
0.1
OPAMP
0.5
0.4
0.4
MDIO
2.7
2.4
2.3
FDCAN registers
16
15
14
FDCAN kernel
7.8
7.6
7.1
Bridge APB1
0.1
0.1
0.1
Table 39. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com