Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7 Datasheet(PDF) 206 Page - STMicroelectronics

Part # STM32H7
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 202Page - STMicroelectronics STM32H7 Datasheet HTML 203Page - STMicroelectronics STM32H7 Datasheet HTML 204Page - STMicroelectronics STM32H7 Datasheet HTML 205Page - STMicroelectronics STM32H7 Datasheet HTML 206Page - STMicroelectronics STM32H7 Datasheet HTML 207Page - STMicroelectronics STM32H7 Datasheet HTML 208Page - STMicroelectronics STM32H7 Datasheet HTML 209Page - STMicroelectronics STM32H7 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
206/357
DS12110 Rev 10
Table 117. Dynamics JTAG characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fpp
TCK clock
frequency
2.7 V <VDD< 3.6 V
-
-
37
MHz
1/tc(TCK)
1.62 V <VDD< 3.6 V
-
-
27.5
tisu(TMS)
TMS input
setup time
-2
-
-
ns
tih(TMS)
TMS input
hold time
-1
-
-
tisu(TDI)
TDI input
setup time
-1.5
-
-
tih(TDI)
TDI input
hold time
-1
-
-
tov (TDO)
TDO output
valid time
2.7 V <VDD< 3.6 V
-
8
13.5
1.62 V <VDD< 3.6 V
-
8
18
toh(TDO)
TDO output
hold time
-7
-
-
Table 118. Dynamics SWD characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fpp
SWCLK
clock
frequency
2.7 V <VDD< 3.6 V
-
-
71
MHz
1/tc(SWCLK)
1.62 V <VDD< 3.6 V
-
-
55.5
tisu(SWDIO)
SWDIO input
setup time
-2.5
-
-
ns
tih(SWDIO)
SWDIO input
hold time
-1
-
-
tov (SWDIO)
SWDIO
output valid
time
2.7 V <VDD< 3.6 V
-
8.5
14
1.62 V <VDD< 3.6 V
-
8.5
18
toh(SWDIO)
SWDIO
output hold
time
-8
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com