Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7 Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32H7
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 216Page - STMicroelectronics STM32H7 Datasheet HTML 217Page - STMicroelectronics STM32H7 Datasheet HTML 218Page - STMicroelectronics STM32H7 Datasheet HTML 219Page - STMicroelectronics STM32H7 Datasheet HTML 220Page - STMicroelectronics STM32H7 Datasheet HTML 221Page - STMicroelectronics STM32H7 Datasheet HTML 222Page - STMicroelectronics STM32H7 Datasheet HTML 223Page - STMicroelectronics STM32H7 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
220/357
DS12110 Rev 10
Table 132. Typical and maximum current consumption batch acquisition mode,
LDO regulator ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
Tj=25°C Tj=85°C
Tj=105
°C
Tj=125
°C
IDD
Supply
current in
batch
acquisition
mode
D1
Standby,
D2
Standby,
D3 Run
VOS3
64
2.7
4.7
12.9
19.0
27.5
mA
8
1.1
----
D1 Stop,
D2 Stop,
D3 Run
VOS3
64
5.4
18.4
83.7
132.6
202.4
8
3.8
----
1. Guaranteed by characterization results, unless otherwise specified.
Table 133. Typical and maximum current consumption in Stop, LDO regulator ON
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Tj=25°C
Tj=85°C
Tj=105
°C
Tj=125
°C
IDD (Stop)
D1 Stop,
D2 Stop,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
1.27
6.3
42.5
72.0
-
mA
SVOS4
1.96
9.4
57.4
94.6
-
SVOS3
2.78
13.8
75.9
121.3
183.8
Flash
memory
ON, no
IWDG
SVOS5
1.27
6.3
42.5
72.0
-
SVOS4
2.25
9.8
57.9
95.2
-
SVOS3
3.07
14.1
76.4
122.0
184.8
D1 Stop,
D2 Standby,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
0.91
4.6
30.4
51.2
-
SVOS4
1.42
6.8
41.1
67.3
-
SVOS3
2.02
10.0
54.4
86.6
130.0
Flash
memory
ON, no
IWDG
SVOS5
0.91
4.6
30.4
51.2
-
SVOS4
1.70
7.2
41.5
67.9
-
SVOS3
2.31
10.3
54.9
87.1
130.8
D1 Standby,
D2 Stop,
D3 Stop
Flash
memory
OFF, no
IWDG
SVOS5
0.49
2.4
16.5
28.0
-
SVOS4
0.76
3.6
22.2
36.6
-
SVOS3
1.10
5.3
29.3
46.9
71.2
D1 Standby,
D2 Standby,
D3 Stop
SVOS5
0.15
0.7
4.3
7.3
-
SVOS4
0.22
1.0
5.8
9.6
-
SVOS3
0.35
1.5
7.8
12.3
18.6
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com