Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7 Datasheet(PDF) 227 Page - STMicroelectronics

Part # STM32H7
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 223Page - STMicroelectronics STM32H7 Datasheet HTML 224Page - STMicroelectronics STM32H7 Datasheet HTML 225Page - STMicroelectronics STM32H7 Datasheet HTML 226Page - STMicroelectronics STM32H7 Datasheet HTML 227Page - STMicroelectronics STM32H7 Datasheet HTML 228Page - STMicroelectronics STM32H7 Datasheet HTML 229Page - STMicroelectronics STM32H7 Datasheet HTML 230Page - STMicroelectronics STM32H7 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 357 page
background image
DS12110 Rev 10
227/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
APB1
(continued)
I2C2 kernel
2.3
2.2
1.9
1.7
µA/MHz
I2C3 registers
0.8
1.0
0.8
0.8
I2C3 kernel
2.4
1.9
1.8
1.6
HDMI-CEC registers
0.7
0.5
0.6
0.5
HDMI-CEC kernel
0.1
0.1
3.2
0.1
DAC12
3.6
1.3
1.2
1.0
USART7 registers
1.8
1.8
1.6
1.4
USART7 kernel
4.0
3.3
3.0
2.8
USART8 registers
2.0
1.6
1.6
1.4
USART8 kernel
3.9
3.4
3.1
2.8
CRS
6.4
5.5
5.0
4.5
SWPMI registers
2.7
2.4
2.3
1.9
SWPMI kernel
0.1
0.1
0.1
0.1
OPAMP
0.2
0.3
0.3
0.2
MDIO
3.3
2.9
2.6
2.3
FDCAN registers
19.0
17.0
15.0
13.0
FDCAN kernel
9.1
7.9
6.9
6.4
APB1 bridge
0.1
0.1
0.1
0.1
Total APB1
142
108
102
88
APB2
TIM1
11.0
5.0
4.5
4.0
TIM8
10.0
4.7
4.3
3.8
USART1 registers
3.6
2.5
2.7
2.9
USART1 kernel
0.1
0.1
0.1
0.1
USART6 registers
4.5
3.0
3.1
3.4
USART6 kernel
0.1
0.1
0.1
0.1
SPI1 registers
2.0
1.7
1.6
1.4
SPI1 kernel
0.9
0.8
0.7
0.6
SPI4 registers
2.1
1.7
1.6
1.5
SPI4 kernel
0.6
0.5
0.5
0.3
TIM15
5.5
2.5
2.3
2.1
TIM16
4.1
2.0
1.8
1.7
TIM17
4.1
1.9
1.8
1.6
SPI5 registers
2.0
1.8
1.6
1.3
SPI5 kernel
0.5
0.4
0.4
0.5
SAI1 registers
1.3
1.1
1.1
1.0
Table 137. Peripheral current consumption in Run mode (continued)
Bus
Peripheral
VOS0
VOS1
VOS2
VOS3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com