Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7 Datasheet(PDF) 350 Page - STMicroelectronics

Part # STM32H7
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 Datasheet(HTML) 350 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 346Page - STMicroelectronics STM32H7 Datasheet HTML 347Page - STMicroelectronics STM32H7 Datasheet HTML 348Page - STMicroelectronics STM32H7 Datasheet HTML 349Page - STMicroelectronics STM32H7 Datasheet HTML 350Page - STMicroelectronics STM32H7 Datasheet HTML 351Page - STMicroelectronics STM32H7 Datasheet HTML 352Page - STMicroelectronics STM32H7 Datasheet HTML 353Page - STMicroelectronics STM32H7 Datasheet HTML 354Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 357 page
background image
Revision history
STM32H742xI/G STM32H743xI/G
350/357
DS12110 Rev 10
11
Revision history
Table 231. Document revision history
Date
Revision
Changes
22-Jun-2017
1
Initial release.
27-Sep-2017
2
Updated list of features. Changed datasheet status to “production data”.
Added UFBGA169 and TFBGA100 packages and well as notes related their status on
cover page and in Table 2: STM32H742xI/G and STM32H743xI/G features and
peripheral counts. Differentiated number of GPIOs for each package in Table 2:
STM32H742xI/G and STM32H743xI/G features and peripheral counts.
Updated Error code correction (ECC) in Section 3.3.2: Embedded SRAM. Change
PWR_CR3 into PWR_D3CR in Section 3.5.1: Power supply scheme. Updated
Section 3.12: Nested vectored interrupt controller (NVIC).
Added ADC sampling rate values in Section 3.17: Analog-to-digital converters (ADCs).
Added Table 4: DFSDM implementation in Section 3.23: Digital filter for sigma-delta
modulators (DFSDM)
Changed PC2/3 to PC2/3_C and VDD33USB to VDD in Figure 5: LQFP100 pinout.
Changed PC2/3 to PC2/3_C in Figure 7: LQFP144 pinout. Changed PC2/3 to PC2/3_C
in Figure 9: LQFP176 pinout. Changed PC2/3 to PC2/3_C in Figure 11: LQFP208
pinout.
Table 9: Pin/ball definition:
– Modified PA7, PC4, PC5, PB1, PG1, PE7, PE8 and PE9 I/O structure
– TFBGA240 +25: removed duplicate occurrence of F1, F2 and P17 pin; added notes
related to F1, F2, G2 pin connection; added note on E1, L16, L17, M16, M17, K16,
K17, N17.
– UFBGA176+25: changed G10 pin name to VSS.
– Added note to VREF+ pin.
Added current consumption corresponding to 125 °C ambient temperature in
Section 6.3.6: Supply current characteristics. Removed CRYP peripheral from Table 39:
Peripheral current consumption in Run mode.
Replaced FMC_CLK by FMC_SDCLK in Section : SDRAM waveforms and timings.
Changed description of the last five fS values and updated tLATRINJin Table 87: ADC
characteristics.
For TFBGA100, TFBGA240+25 and UFBGA169, updated thermal resistance power-
junction in Table 230: Thermal characteristics as well as power dissipation in Table 24:
General operating conditions.
23-Oct-2017
3
Features:
– Removed secure firmware upgrade support.
– Total current consumption changed to 4 µA minimum.
Updated Figure 8: UFBGA169 ballout.
Updated dpad and dsm in Table 136: TFBGA240+25 - Recommended PCB design
rules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com