Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGE67BO/SC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGE67BO/SC
Description  Optical receiver module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGE67BO/SC Datasheet(HTML) 3 Page - NXP Semiconductors

  BGE67BO/SC Datasheet HTML 1Page - NXP Semiconductors BGE67BO/SC Datasheet HTML 2Page - NXP Semiconductors BGE67BO/SC Datasheet HTML 3Page - NXP Semiconductors BGE67BO/SC Datasheet HTML 4Page - NXP Semiconductors BGE67BO/SC Datasheet HTML 5Page - NXP Semiconductors BGE67BO/SC Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998 Aug 31
3
Philips Semiconductors
Preliminary specification
Optical receiver module
BGE67BO/SC
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
Bandwidth 5 to 300 MHz; VB =24V; Tmb =30 °C; ZL =75 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
f
frequency range
5
300
MHz
Tstg
storage temperature
−40
+85
°C
Tmb
operating mounting base temperature
−20
+85
°C
Pin
optical input power
continuous
−
5mW
ESD
ESD sensitivity
human body model;
R= 1.5 k
Ω; C = 100 pF
500
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
S
responsivity
λ = 1300 nm
750
−
V/W
Vpin 1
pin 1 monitor voltage
λ = 1300 nm
0.75
1
V/mW
FL
flatness of frequency response
−±0.3
dB
S22
output return losses
f = 5 to 300 MHz
15
−
dB
optical input return losses
45
−
dB
OBRC
connector optical return losses
60
−
dB
ILC
connector optical insertion losses
−
0.5
dB
d2
second order distortion
note 1
−−70
dB
d3
third order distortion
note 2
−−80
dB
F
equivalent noise input
f = 10 to 300 MHz
−
7pA/
√Hz
sλ
spectral sensitivity
λ = 1310 ±20 nm
0.85
−
A/W
λ = 1550 ±20 nm
0.9
−
A/W
λ
optical wavelength
1 290
1 600
nm
L
length of optical fibre
buffered fibre; SM type;
9/125
µm; kevlar buffer: 3 mm
817
917
mm
Itot
total current consumption (DC)
note 3
160
190
mA
Notes
1. Two laser test; each laser with 40% modulation index;
fp = 20.25 MHz; Pp = 0.5 mW;
fq = 34 MHz; Pq = 0.5 mW;
measured at fp +fq = 54.25 MHz.
2. Three laser test; each laser with 40% modulation
index;
fp = 125.25 MHz; Pp = 0.33 mW;
fq = 110.25 MHz; Pq = 0.33 mW;
fr = 135.25 MHz; Pr = 0.33 mW;
measured at fp +fq − fr = 100.25 MHz.
3. The module normally operates at VB = 24 V, but is
able to withstand supply transients up to 30 V.
Fig.2 Monitor current pin.
handbook, halfpage
MLB151
10 k
Ω
1 k
Ω
Pin 1
photo
current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com