Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1014 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M1014
Description  Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M1014 Datasheet(HTML) 5 Page - STMicroelectronics

  M1014 Datasheet HTML 1Page - STMicroelectronics M1014 Datasheet HTML 2Page - STMicroelectronics M1014 Datasheet HTML 3Page - STMicroelectronics M1014 Datasheet HTML 4Page - STMicroelectronics M1014 Datasheet HTML 5Page - STMicroelectronics M1014 Datasheet HTML 6Page - STMicroelectronics M1014 Datasheet HTML 7Page - STMicroelectronics M1014 Datasheet HTML 8Page - STMicroelectronics M1014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Principles of Operation and Application Tips
TSM1014
5/10
5
Principles of Operation and Application Tips
5.1 Voltage control
The voltage loop is controlled via a first trans-conductance operational amplifier, the resistor bridge R1,
R2, and the optocoupler which is directly connected to the output.
The relation between the values of R1 and R2 should be chosen as written in Equation 1.
R1 = R2 x VRef / (Vout - VRef)
Equation 1
where Vout is the desired output voltage.
To avoid the discharge of the load, the resistor bridge R1, R2 should be highly resistive. For this type of
application, a total value of 100K
Ω (or more) would be appropriate for the resistors R1 and R2.
As an example, with R2 = 100K
Ω, V
out = 4.10V, VRef) = 1.210V, then R1 = 41.9KΩ.
Note that if the low drop diode is inserted between the load and the voltage regulation resistor bridge to
avoid current flowing from the load through the resistor bridge, this drop should be taken into account in
the above calculations by replacing Vout by (Vout + Vdrop).
5.2 Current control
The current loop is controlled via the second trans-conductance operational amplifier, the sense resistor
Rsense, and the optocoupler.
Vsense threshold is achieved externally by a resistor bridge tied to the VRef voltage reference. Its middle
point is tied to the positive input of the current control operational amplifier, and its foot is to be connected
to lower potential point of the sense resistor as shown on the following figure. The resistors of this bridge
are matched to provide the best precision possible.
The control equation verifies:
Equation 2
Equation 3
where Ilim is the desired limited current, and Vsense is the threshold voltage for the current control loop.
Note that the Rsense resistor should be chosen taking into account the maximum dissipation (Plim)
through it during full load operation.
Equation 4
R
sense
I
lim
×
V
sense
=
V
sense
R
5
V
ref
⋅
R
4
R
5
+
()
-----------------------
=
I
lim
R
5
V
ref
R
sense
⋅⋅
R
4
R
5
+
()
----------------------------------------
=
P
lim
I
lim
V
sense
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com