Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5271EC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF5271EC
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5271EC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF5271EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5271EC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Design Recommendations
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
21
6.7.1.2
Address Multiplexing
Table 5 shows the generic address multiplexing scheme for SDRAM configurations. All possible address
connection configurations can be derived from this table.
Table 4. Synchronous DRAM Signal Connections
Signal
Description
SD_SRAS
Synchronous row address strobe. Indicates a valid SDRAM row address is present and can be
latched by the SDRAM. SD_SRAS should be connected to the corresponding SDRAM
SD_SRAS. Do not confuse SD_SRAS with the DRAM controller’s SD_CS[1:0], which should not
be interfaced to the SDRAM SD_SRAS signals.
SD_SCAS
Synchronous column address strobe. Indicates a valid column address is present and can be
latched by the SDRAM. SD_SCAS should be connected to the corresponding signal labeled
SD_SCAS on the SDRAM.
DRAMW
DRAM read/write. Asserted for write operations and negated for read operations.
SD_CS[1:0]
Row address strobe. Select each memory block of SDRAMs connected to the MCF5271. One
SD_CS signal selects one SDRAM block and connects to the corresponding CS signals.
SD_CKE
Synchronous DRAM clock enable. Connected directly to the CKE (clock enable) signal of
SDRAMs. Enables and disables the clock internal to SDRAM. When CKE is low, memory can
enter a power-down mode where operations are suspended or they can enter self-refresh mode.
SD_CKE functionality is controlled by DCR[COC]. For designs using external multiplexing,
setting COC allows SD_CKE to provide command-bit functionality.
BS[3:0]
Column address strobe. For synchronous operation, BS[3:0] function as byte enables to the
SDRAMs. They connect to the DQM signals (or mask qualifiers) of the SDRAMs.
CLKOUT
Bus clock output. Connects to the CLK input of SDRAMs.
Table 5. Generic Address Multiplexing Scheme
Address Pin Row Address Column Address
Notes Related to Port Sizes
17
17
0
8-bit port only
16
16
1
8- and 16-bit ports only
15
15
2
14
14
3
13
13
4
12
12
5
11
11
6
10
10
7
99
8
17
17
16
32-bit port only
18
18
17
16-bit port only or 32-bit port with only 8
column address lines
19
19
18
16-bit port only when at least 9 column
address lines are used
20
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com