Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CAB100 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # PCF5271CAB100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CAB100 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PCF5271CAB100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 37Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 38Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 39Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 40Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 41Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 42Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
39
Read/write bus timings listed in Table 31 are shown in Figure 7, Figure 8, and Figure 9.
Address and Attribute Outputs
B8
CLKOUT high to address (A[23:0]) and control (TS,
TSIZ[1:0], TIP, R/W) valid
tCHAV
—9
ns
B9
CLKOUT high to address (A[23:0]) and control (TS,
TSIZ[1:0], TIP, R/W) invalid
tCHAI
1.5
—
ns
Data Outputs
B11
CLKOUT high to data output (D[31:0]) valid
tCHDOV
—9
ns
B12
CLKOUT high to data output (D[31:0]) invalid
tCHDOI
1.5
—
ns
B13
CLKOUT high to data output (D[31:0]) high impedance
tCHDOZ
—9
ns
NOTES:
1
CS transitions after the falling edge of CLKOUT.
2
BS transitions after the falling edge of CLKOUT.
3
OE transitions after the falling edge of CLKOUT.
Table 31. External Bus Output Timing Specifications (continued)
Name
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com