Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT6204CS
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6204CS Datasheet HTML 4Page - Linear Technology LT6204CS Datasheet HTML 5Page - Linear Technology LT6204CS Datasheet HTML 6Page - Linear Technology LT6204CS Datasheet HTML 7Page - Linear Technology LT6204CS Datasheet HTML 8Page - Linear Technology LT6204CS Datasheet HTML 9Page - Linear Technology LT6204CS Datasheet HTML 10Page - Linear Technology LT6204CS Datasheet HTML 11Page - Linear Technology LT6204CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT6202/LT6203/LT6204
8
620234fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6203, LT6204, LT6202S8
VCM = 0V
q
1.6
2.8
mV
VCM = V+
q
3.2
6.8
mV
VCM = V–
q
2.8
5.8
mV
LT6202 SOT-23
VCM = 0V
q
1.6
3.0
mV
VCM = V
+
q
3.2
7.3
mV
VCM = V–
q
2.8
6.3
mV
VOS TC
Input Offset Voltage Drift (Note 9)
VCM = Half Supply
q
7.5
24
µV/°C
Input Offset Voltage Match
VCM = 0V
q
0.2
1.0
mV
(Channel-to-Channel) (Note 6)
VCM = V– to V+
q
0.5
2.2
mV
IB
Input Bias Current
VCM = Half Supply
q
–7.0
–1.4
µA
VCM = V+
q
1.8
3.6
µA
VCM = V
–
q
–10
–4.3
µA
∆IB
IB Shift
VCM = V– to V+
q
5.4
13
µA
IB Match (Channel-to-Channel) (Note 6)
q
0.15
0.7
µA
IOS
Input Offset Current
VCM = Half Supply
q
0.1
1
µA
VCM = V
+
q
0.2
1.2
µA
VCM = V–
q
0.4
1.4
µA
AVOL
Large Signal Gain
VO = ±4.5V, RL = 1k
q
70
120
V/mV
VO = ±2V, RL = 100
q
10
18
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
– to V+
q
65
84
dB
VCM = –2V to 2V
q
83
95
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –2V to 2V
q
83
110
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
q
60
70
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
q
70
100
dB
VOL
Output Voltage Swing LOW Saturation
No Load
q
670
mV
(Note 8)
ISINK = 5mA
q
95
200
mV
ISINK = 15mA
q
210
400
mV
VOH
Output Voltage Swing HIGH Saturation
No Load
q
65
120
mV
(Note 8)
ISOURCE = 5mA
q
125
240
mV
ISOURCE = 20mA
q
350
625
mV
ISC
Short-Circuit Current
q
±25
±34
mA
IS
Supply Current per Amp
q
3.5
4.3
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz
q
95
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
q
16
22
V/
µs
FPBW
Full Power Bandwidth (Note 10)
VOUT = 3VP-P
q
1.7
2.3
MHz
The q denotes the specifications which apply over 0
°C < TA < 70°C
temperature range. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6203, LT6204, LT6202S8
VCM = 0V
q
1.7
3.0
mV
VCM = V
+
q
3.8
7.5
mV
VCM = V–
q
3.5
6.6
mV
LT6202 SOT-23
VCM = 0V
q
1.7
3.2
mV
VCM = V+
q
3.8
7.7
mV
VCM = V–
q
3.5
6.7
mV
The q denotes the specifications which apply over –40
°C < TA < 85°C temperature range. VS = ±5V; VCM = VOUT = 0V, unless otherwise
noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com