Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT11P3SAM35LFS Datasheet(PDF) 1 Page - ITT Industries

Part # KT11P3SAM35LFS
Description  Right Angle Sealed Tact Switch for SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KT11P3SAM35LFS Datasheet(HTML) 1 Page - ITT Industries

  KT11P3SAM35LFS Datasheet HTML 1Page - ITT Industries KT11P3SAM35LFS Datasheet HTML 2Page - ITT Industries KT11P3SAM35LFS Datasheet HTML 3Page - ITT Industries KT11P3SAM35LFS Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ittcannon.com
B–24
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
1
Orientation
S Side actuated
KT Series
Right Angle Sealed Tact Switch for SMT
Actuator
B0*
Soft, flush
B1*
Soft, 0,64 mm
B2*
Soft, 2,24 mm
P2** Hard, 2,36 mm
P3** Hard, 1,12 mm
P4** Hard, 3,96 mm
S1*** ø0,1 mm for caps
S2*** ø0,14 mm with anti-rotation
K
T
1
S
3
Mounting Bracket
AM
Right angle
A1M Right angle with front solder pad
A2M Right angle with front solder pad pick & place tab
A3M Right angle with pick & place tab
Actuating Force
3 3 N (300 grams)
Contact Plating
4 Silver
5 Gold
Contact Plating
LFS RoHS compliant and
compatible. Silver plated
LFG RoHS compliant and
compatible. Gold plated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local ITT representative.
Features/Benefits
• High shear force with extended bracket
• Easy to pick & place with top plate tab
• Rubber or hard plastic actuator
• Press fit or snap fit caps
• IP 57
• RoHS compliant and compatible
Typical Applications
• Telecommunications
• Computer products
• Instrumentation
• Power supply
Specification
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: Gullwing type for SMT
Electrical
CONTACT RATING: 1.0 VA max. @ 32 V AC or DC max.
ELECTRICAL & MECHANICAL LIFE: 100,000 make-and-break
cycles at full load.
DIELECTRIC STRENGTH: 250 Vrms min. @ sea level.
CONTACT RESISTANCE: Below 50 m
Ω typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
Environmental
OPERATING TEMPERATURE: -40˚C to 90˚C
Process
SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E
method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; protection against harmful dust
deposits, full-scale voltage protection.
Packaging
Switches supplied in rigid dispensing tubes or anti-static tape and
reels per EIA 481-2 (800 pieces per reel.). Tape and cover strip are
conductive for use near statically sensitive components.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
N
T
B
T
K
1
1
Button Type
02 Press fit, ø4 mm
03 Snap fit, high temperature, ø8 mm
SWITCH
BUTTON
To order buttons in bulk
Button Color
90 Black
80 Ivory
* B0, B1 & B2 available with A & A1 mounting bracket only.
** P4 available with A1 & A2 mounting bracket only.
*** S1 & S2 available with A1 & A2 mounting bracket only.


Similar Part No. - KT11P3SAM35LFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KT11P3SA1M CK-COMPONENTS-KT11P3SA1M Datasheet
430Kb / 3P
Sealed Tactile Switches
More results

Similar Description - KT11P3SAM35LFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KT11SM34LFS CK-COMPONENTS-KT11SM34LFS Datasheet
249Kb / 4P
Right Angle Sealed Tact Switch for SMT
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KT11B1JM34LFS CK-COMPONENTS-KT11B1JM34LFS Datasheet
227Kb / 4P
Right Angle Sealed Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KT11P4SM34LFS CK-COMPONENTS-KT11P4SM34LFS Datasheet
227Kb / 4P
Right Angle Sealed Tact Switch for SMT
logo
ITT Industries
KT11P2SA3M33 ITT-KT11P2SA3M33 Datasheet
113Kb / 4P
Right Angle Sealed Tact Switch for SMT
logo
C&K Components
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com