Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # KTA1663
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KTA1663 Datasheet(HTML) 1 Page - Nanjing International Group Co

  KTA1663 Datasheet HTML 1Page - Nanjing International Group Co KTA1663 Datasheet HTML 2Page - Nanjing International Group Co KTA1663 Datasheet HTML 3Page - Nanjing International Group Co KTA1663 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KTA1663
FEATURES
1W(Mounted on Ceramic Substrate).
Small flat package.
Complementary: KTC4375.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
KTA1663
HO/HY
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1.5
A
IB
Base Current
-0.3
A
PC
Collector Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
DONGGUAN NANJING ELECTRONICS LTD.,
PNP Silicon Epitaxial Planar Transistor
www.dgnjdz.com
www.dgnjdz.com


Similar Part No. - KTA1663

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Weitron Technology
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
PNP Epitaxial Planar Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1663 HTSEMI-KTA1663 Datasheet
475Kb / 2P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1663 WINNERJOIN-KTA1663 Datasheet
138Kb / 1P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1663 HOTTECH-KTA1663 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTA1663

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com