Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT50GP60B2DF2 Datasheet(PDF) 7 Page - Advanced Power Technology

Part # APT50GP60B2DF2
Description  POWER MOS 7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GP60B2DF2 Datasheet(HTML) 7 Page - Advanced Power Technology

  APT50GP60B2DF2 Datasheet HTML 1Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 2Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 3Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 4Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 5Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 6Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 7Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 8Page - Advanced Power Technology APT50GP60B2DF2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TYPICAL PERFORMANCE CURVES
APT50GP60B2DF2
Characteristic / Test Conditions
Maximum Average Forward Current (T
C = 99°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Symbol
I
F(AV)
I
F(RMS)
I
FSM
Symbol
V
F
Characteristic / Test Conditions
I
F = 50A
Forward Voltage
I
F = 100A
I
F = 50A, TJ = 125°C
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Amps
UNIT
Volts
MIN
TYP
MAX
2.6
3.6
1.9
APT50GP60B2DF2
30
49
320
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
APT Reserves the right to change, without notice, the specifications and information contained herein.
ULTRAFAST SOFT RECOVERY ANTI-PARALLEL DIODE
MIN
TYP
MAX
-
21
-62
-65
-3
-
-
113
-
411
-7
-
-49
-
704
-22
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 30A, diF/dt = -200A/µs
V
R = 400V, TC = 25°C
I
F = 30A, diF/dt = -200A/µs
V
R = 400V, TC = 125°C
I
F = 30A, diF/dt = -1000A/µs
V
R = 400V, TC = 125°C
I
F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 25a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.5
SINGLE PULSE
0.1
0.3
0.7
0.9
0.05
FIGURE 25b, TRANSIENT THERMAL IMPEDANCE MODEL
0.378
°C/W
0.291
°C/W
0.00232 J/
°C
0.110 J/
°C
Power
(watts)
RC MODEL
Junction
temp(
°C)
Case temperature(
°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com