Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-156DS-R13-171 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF-156DS-R13-171
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-156DS-R13-171 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF-156DS-R13-171 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-156DS-R13-171 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-156DF-T12-20x/29x/23x
MF-156DS-R13-17x
SONET/SDH TRANSMITTER & RECIEVER
DESCRIPTION
This product is designed to provide high optical
performance for SDH STM-1/SONET OC-3.
Transmitter uses uncooled laser in a hermetic pigtail
coaxial module with drivered by specific integrated
circuit.
Receiver uses PIN preamp in a hermetic pigtail
coaxial module and integrated circuits for reshaping,
retiming and regenerating optical signal.
FEATURES
SONET,SDH system from intra-office to long-
leach application fully line up
Low cost and Low power consumption
Multisourced 20-Pin DIP with pigtail fiber
Single +5V power supply and P-ECL compatible
input and output
Operating case temperature range -40 to 85
°C
With clock recovery and digital alarm function
APPLICATION
Short haul and long haul telecommunication systems
for SDH STM-1 / SONET OC-3.
ABSOLUTE MAXIMUM RATINGS
Stress below listed absolute maximum rating may cause permanent damage to the module.
Th is is a stress o nly and functional operation of the module at these or any other conditions in excess of those
given in the operational sections of this data sheet.
Exposure to Absolute Maximum Rating for extended periods may affect module reliability.
(TC=25
°C)
Parameters
Symbol
Ratings
Unit
Supply voltage
Vcc
+6 to 0
V
PECL high output current
-
-50 to 0
mA
PECL input voltage
-
0 to Vcc+0.4
V
Storage temperature
Tstg
-40 to 85
°C
Operating case temperature
Tc
-40 to 85
°C
Soldering Temperature
-
+260
°C
Soldering Time
-
10
sec
Relative humidity(non condensation)
-
10 to 80
%
Fiber bend radius from package
rF
32
mm


Similar Part No. - MF-156DS-R13-171

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K0.5 WILLOW-MF-100T100100K0.5 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K1 WILLOW-MF-100T100100K1 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
MF-100T100100K5 WILLOW-MF-100T100100K5 Datasheet
118Kb / 2P
GENERAL PURPOSE METAL FILM RESISTORS
logo
Mitsubishi Electric Sem...
MF-10KDS-R13-060 MITSUBISHI-MF-10KDS-R13-060 Datasheet
104Kb / 8P
SONET/SDH TRANSMITTER & RECIEVER
More results

Similar Description - MF-156DS-R13-171

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
SONET/SDH TRANSMITTER & RECEIVER
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
SONET / SDH RECEIVER MODULE
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
SDH/SONET main amplifier
1997 Nov 26
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
SONET/SDH Transmitters & Receivers
STX OPLINK-STX Datasheet
367Kb / 9P
SONET/SDH Transmitters & Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com