Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32S3 Datasheet(PDF) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32S3
Description  ESP32-S3-DevKitC-1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32S3 Datasheet(HTML) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32S3 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32S3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The document consists of the following major sections:
Getting started: Overview of the board and hardware/software setup instructions to get started.
Hardware Reference: More detailed information about the board’s hardware.
Hardware Revision Details: Revision history, known issues, and links to user guides for previous
versions (if any) of the board.
Getting Started
This section provides a brief introduction of ESP32-S3-DevKitC-1, instructions on how to do the initial
hardware setup and how to flash firmware onto it.
Description of Components
ESP32-S3-DevKitC-1 - front
The key components of the board are described in a counter-clockwise direction.
Key Component
Description
ESP32-S3-WROOM-1/1U
ESP32-S3-WROOM-1 and ESP32-S3-WROOM-1U are two powerful,
generic Wi-Fi + Bluetooth LE MCU modules that have a rich set of
peripherals. They provide acceleration for neural network computing
and signal processing workloads.
5 V to 3.3 V LDO
Power regulator that converts a 5 V supply into a 3.3 V output.
Pin Headers
All available GPIO pins (except for the SPI bus for flash) are broken
out to the pin headers on the board for easy interfacing and
programming. For details, please see Header Block.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com