Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS40H
Description  General-purpose Schottky diode in small SOD123F package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS40H Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS40H Datasheet HTML 1Page - NXP Semiconductors BAS40H Datasheet HTML 2Page - NXP Semiconductors BAS40H Datasheet HTML 3Page - NXP Semiconductors BAS40H Datasheet HTML 4Page - NXP Semiconductors BAS40H Datasheet HTML 5Page - NXP Semiconductors BAS40H Datasheet HTML 6Page - NXP Semiconductors BAS40H Datasheet HTML 7Page - NXP Semiconductors BAS40H Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
General purpose Schottky diode, encapsulated in a SOD123F small and flat lead SMD
plastic package.
1.2 Features
s Small and flat lead SMD plastic package
s Flat leads: excellent coplanarity and improved thermal behavior
s Low capacitance
s High switching speed
s Low leakage current
1.3 Applications
s Ultra high-speed switching
s Voltage clamping
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
BAS40H
General-purpose Schottky diode in small SOD123F package
Rev. 01 — 25 April 2005
Product data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
120
mA
VF
forward voltage
IF =10mA
[1] -
-
500
mV
VR
reverse voltage
-
-
40
V


Similar Part No. - BAS40H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40H PHILIPS-BAS40H Datasheet
136Kb / 21P
General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS40H NXP-BAS40H Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40H NXP-BAS40H Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40H NXP-BAS40H Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
Nexperia B.V. All right...
BAS40H NEXPERIA-BAS40H Datasheet
177Kb / 8P
General-purpose Schottky diode
2 March 2023
More results

Similar Description - BAS40H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
BAS116H PHILIPS-BAS116H Datasheet
51Kb / 9P
75 V, low leakage diode in small SOD123F package
Rev. 01-11 April 2005
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
logo
KODENSHI_AUK CORP.
SDP510Q KODENSHI-SDP510Q Datasheet
132Kb / 5P
General purpose PIN diode in a SOD-523 small SMD plastic package
logo
NXP Semiconductors
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BAT54H PHILIPS-BAT54H_15 Datasheet
143Kb / 8P
Schottky barrier single diode in small SOD123F package
25 July 2012
logo
Nexperia B.V. All right...
BAT54H NEXPERIA-BAT54H Datasheet
1Mb / 8P
Schottky barrier single diode in small SOD123F package
25 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com