Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B9950AI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B9950AI
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950AI Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY7B9950AI Datasheet HTML 1Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 2Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 3Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 4Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 5Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 6Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 7Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 8Page - Cypress Semiconductor CY7B9950AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RoboClock
CY7B9950
Document #: 38-07338 Rev. *B
Page 9 of 9
Document History Page
Document Title: RoboClockCY7B9950 2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Document Number: 38-07338
Rev.
ECN No.
Issue Date
Orig. of
Change
Description of Change
**
121663
11/25/02
RGL
New Data Sheet
*A
122548
12/12/02
RGL
Removed the PD#/DIV and DS[1:0] pins in VIHH,VIMM and VILL for both
2.5V and 3.3V DC Electrical Specs tables
*B
124646
03/05/03
RGL
Corrected the description of Pin 27(TEST) in the Pin Description table
Corrected the description of Pin 12 (VDDQ) in the Pin Description table
Corrected the Min and Max values of VDD from 2.25/2.75 to 2.375/2.625
Volts in the Absolute Maximum Conditions table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com