Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3R02S Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3R02S
Description  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R02S Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3R02S Datasheet HTML 1Page - STMicroelectronics STTH3R02S Datasheet HTML 2Page - STMicroelectronics STTH3R02S Datasheet HTML 3Page - STMicroelectronics STTH3R02S Datasheet HTML 4Page - STMicroelectronics STTH3R02S Datasheet HTML 5Page - STMicroelectronics STTH3R02S Datasheet HTML 6Page - STMicroelectronics STTH3R02S Datasheet HTML 7Page - STMicroelectronics STTH3R02S Datasheet HTML 8Page - STMicroelectronics STTH3R02S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH3R02
Characteristics
3/9
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
24
30
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
16
20
IRM
Reverse recovery current
IF = 3 A, dIF/dt = -200 A/µs,
VR = 160 V, Tj = 125° C
3.5
4.5
A
tfr
Forward recovery time
IF = 3 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
40
ns
VFP
Forward recovery voltage
IF = 3 A, dIF/dt = 100 A/µs,
Tj = 25° C
1.9
V
Figure 1.
peak current versus duty cycle
Figure 2.
Forward voltage drop versus
forward current (typical values)
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
M(A)
T
d=tp/T
tp
I
M
T
δ=tp/T
tp
I
M
P = 5 W
P = 5 W
P = 3 W
P = 3 W
P = 10 W
P = 10 W
δ
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
I
FM(A)
T
j=25°C
T
j=150°C
VFM(V)
Figure 3.
Forward voltage drop versus
forward current (maximum values)
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration - DO-201AD
(Epoxy printed circuit board FR4,
eCU =35µm)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
I
FM(A)
T
j=25°C
T
j=150°C
VFM(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
Single pulse
DO-201AD
Lleads=10mm
tP(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com