Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-156DS-R13-172 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MF-156DS-R13-172
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-156DS-R13-172 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-156DS-R13-172 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-156DS-R13-172 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-156DF-T12-20x/29x/23x
MF-156DS-R13-17x
SONET/SDH TRANSMITTER & RECIEVER
OPTICAL CHARACTERISTICS
Parameter
Specification
Unit
ITU code
S-1.1
L-1.1
L-1.2
Min.
Max.
Min.
Max.
Min.
Max.
Optical Budget
0
14
0
29
0
30
dB
Transmitter
Wavelength
1261
1360
1280
1335
1480
1580
nm
Optical source
MLM
SLM(MLM)
SLM
-
Optical power at pigtail
-14
-8
-5
0
-4
0
dBm
Optical power when disable
-
-45
-
-45
-
-45
dBm
Spectral width(rms)
-
4
-
-(4)
-
-
nm
Spectral width(-20dB)
-
-
-
1(-)
-
1
nm
SMSR
-
-
30(-)
-
30
-
dB
Extinction ratio
8.2
-
10
-
10
-
dB
Optical wave form
SONET/SDH Mask compliant
-
Path penalty
(dispersion = ITU-T compliant)
-1
-1
-1
dB
Receiver
Min.
Typ.
Max.
Wavelength
1260
-
1580
nm
Sensitivity
-
-36
-34
dBm
Overload
0
+1
-
dBm
ORDERING INFORMATION
Transmitter
Part number
ITU-code
Optical connector type
MF-156DF-T12-200
S-1.1
FC
MF-156DF-T12-201
S-1.1
SC
MF-156DF-T12-202
S-1.1
ST
MF-156DF-T12-290
L-1.1
FC
MF-156DF-T12-291
L-1.1
SC
MF-156DF-T12-292
L-1.1
ST
MF-156DF-T12-230
L-1.2
FC
MF-156DF-T12-231
L-1.2
SC
MF-156DF-T12-232
L-1.2
ST
Receiver
Part number
ITU-code
Optical connector type
MF-156DS-R13-170
STM-1
FC
MF-156DS-R13-171
STM-1
SC
MF-156DS-R13-172
STM-1
ST



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com