Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC323 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC323
Description  HBT DRIVER AMPLIFIER DC - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC323 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC323 Datasheet HTML 1Page - Hittite Microwave Corporation HMC323 Datasheet HTML 2Page - Hittite Microwave Corporation HMC323 Datasheet HTML 3Page - Hittite Microwave Corporation HMC323 Datasheet HTML 4Page - Hittite Microwave Corporation HMC323 Datasheet HTML 5Page - Hittite Microwave Corporation HMC323 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1 - 151
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
1
HBT DRIVER AMPLIFIER DC - 3.0 GHz
-25
-20
-15
-10
-5
0
5
10
15
20
01
234
56
S1 1
S2 1
S2 2
FR E QUE N C Y (G H z)
-20
-15
-10
-5
0
00.5
1
1.5
22.533.5
4
+25 C
+85 C
-40 C
FR E QUE N C Y (G H z)
-20
-15
-10
-5
0
00.5
1
1.5
22.533.5
4
+25 C
+85 C
-40 C
FR E QUE N C Y (G H z)
0
2
4
6
8
10
12
14
16
18
20
00.5
1
1.5
22.533.5
4
+25 C
+85 C
-40 C
FR E QUE N C Y (G H z)
Gain & Return Loss
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Gain vs. Temperature
HMC323
V
00.1100
-30
-25
-20
-15
-10
-5
0
00.5
1
1.5
22.533.5
4
+25 C
+85 C
-40 C
FR E QUE N C Y (G H z)
Reverse Isolation vs. Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com