Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1102 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLRH1102
Description  SMT LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1102 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLRH1102 Datasheet HTML 1Page - Toshiba Semiconductor TLRH1102 Datasheet HTML 2Page - Toshiba Semiconductor TLRH1102 Datasheet HTML 3Page - Toshiba Semiconductor TLRH1102 Datasheet HTML 4Page - Toshiba Semiconductor TLRH1102 Datasheet HTML 5Page - Toshiba Semiconductor TLRH1102 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Toshiba TLxH1102 SMT LEDs
Features
3.2 (L) x 2.8 (W) x 3.4 (H) mm Size
2.8 mm Diameter Lens−Top Type
InGaAlP Technology (Ultra High Brightness)
Low Drive Current
High Intensity Light Emission
Clear Luminescence is obtained
High Operating Temperture
Standard Embossed Taping 8 mm Pitch : T10 (500 pcs/reel)
Reflow Soldering is possible
Applications
Automotive Use
Message Signboard
Backlight
Series Line−Up
Part Number
Color
Material
TLOH1102
Ultra Bright Orange
InGaAlP
TLRH1102
Ultra Bright Red
InGaAlP
TLSH1102
Ultra Bright High Efficency Red
InGaAlP
TLYH1102
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLOH1102
50
4
125.00
−40 ~ 100
−40 ~ 100
TLRH1102
50
4
125.00
−40 ~ 100
−40 ~ 100
TLSH1102
50
4
125.00
−40 ~ 100
−40 ~ 100
TLYH1102
50
4
125.00
−40 ~ 100
−40 ~ 100
Unit
mA
V
mW
o
C
o
C
Company Headquarters
120 Broadway
Menands, New York 12204
Toll Free: 800.984.5337
Fax: 518.432.7454
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLRH1102

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRH1102B MARKTECH-TLRH1102B Datasheet
364Kb / 13P
Panel Circuit Indicator
TLRH1102BT10 MARKTECH-TLRH1102BT10 Datasheet
364Kb / 13P
Panel Circuit Indicator
More results

Similar Description - TLRH1102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
430NM GILWAY-430NM Datasheet
1Mb / 9P
SMT LEDs
logo
Chicago Miniature Lamp,...
7011X CML-7011X Datasheet
70Kb / 1P
Bicolor SMT LEDs
logo
Visual Communications C...
7016X VCC-7016X Datasheet
827Kb / 1P
Bicolor SMT LEDs
7018X VCC-7018X Datasheet
589Kb / 1P
Bicolor SMT LEDs
CMD28-21 VCC-CMD28-21 Datasheet
662Kb / 1P
SMT LEDs
CMD67-21 VCC-CMD67-21 Datasheet
613Kb / 1P
SMT LEDs
CMD67-21UWC VCC-CMD67-21UWC Datasheet
543Kb / 1P
White SMT LEDs
CMD67-22 VCC-CMD67-22 Datasheet
582Kb / 1P
SMT LEDs
CMD91-21 VCC-CMD91-21 Datasheet
741Kb / 1P
SMT LEDs
CMD93-21 VCC-CMD93-21 Datasheet
646Kb / 1P
SMT LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com