Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573A Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVC573A
Description  OCTAL D-TYPE LATCH HIGH PERFORMANCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC573A Datasheet(HTML) 5 Page - STMicroelectronics

  74LVC573A Datasheet HTML 1Page - STMicroelectronics 74LVC573A Datasheet HTML 2Page - STMicroelectronics 74LVC573A Datasheet HTML 3Page - STMicroelectronics 74LVC573A Datasheet HTML 4Page - STMicroelectronics 74LVC573A Datasheet HTML 5Page - STMicroelectronics 74LVC573A Datasheet HTML 6Page - STMicroelectronics 74LVC573A Datasheet HTML 7Page - STMicroelectronics 74LVC573A Datasheet HTML 8Page - STMicroelectronics 74LVC573A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVC573A
5/13
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
Figure 3: Test Circuit
RT = ZOUT of pulse generator (typically 50Ω)
Table 10: Test Circuit And Waveform Symbol Value
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(note 1)
1.8
fIN = 10MHz
28
pF
2.5
30
3.3
34
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7V
3.0 to 3.6V
CL
30pF
30pF
50pF
50pF
RL = R1
1000
Ω
500
Ω
500
Ω
500
Ω
VS
2 x VCC
2 x VCC
6V
7V
VIH
VCC
VCC
2.7V
3.0V
VM
VCC/2
VCC/2
1.5V
1.5V
VOH
VCC
VCC
3.0V
3.5V
VX
VOL + 0.15V
VOL + 0.15V
VOL + 0.3V
VOL + 0.3V
VY
VOH - 0.15V
VOH - 0.15V
VOH - 0.3V
VOH - 0.3V
tr = tr
<2.0ns
<2.0ns
<2.5ns
<2.5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com