Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573AMTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVC573AMTR
Description  OCTAL D-TYPE LATCH HIGH PERFORMANCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC573AMTR Datasheet(HTML) 4 Page - STMicroelectronics

  74LVC573AMTR Datasheet HTML 1Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 2Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 3Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 4Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 5Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 6Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 7Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 8Page - STMicroelectronics 74LVC573AMTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74LVC573A
4/13
Table 7: Dynamic Switching Characteristics
1) Number of output defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
VOLP
Dynamic Low Level Quiet
Output (note 1)
3.3
CL = 50pF
VIL = 0V, VIH = 3.3V
0.8
V
VOLV
-0.8
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time D to Q
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1.5
7.8
1.5
9.4
3.0 to 3.6
50
500
2.5
1
6.8
1
8.2
tPLH tPHL
Propagation Delay
Time LE to Q
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1.5
7.8
1.5
9.4
3.0 to 3.6
50
500
2.5
1
6.8
1
8.2
tPZL tPZH
Output Enable Time
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1
8.7
1
10.4
3.0 to 3.6
50
500
2.5
1
7.7
1
9.2
tPLZ tPHZ
Output Disable Time 1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
2
7.6
2
9.1
3.0 to 3.6
50
500
2.5
2
7.0
2
8.4
tW
LE Pulse Width
HIGH
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
3.3
3.3
3.0 to 3.6
50
500
2.5
3.3
3.3
ts
Setup Time D to LE,
(HIGH to LOW)
1.65 to 1.95
30
1000
2.0
TBD
TDB
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
2
2
3.0 to 3.6
50
500
2.5
2
2
th
Hold Time LE (HIGH
to LOW) to D
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1.5
1.5
3.0 to 3.6
50
500
2.5
1.5
1.5
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7 to 3.6
1
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com