Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0305 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL0305
Description  Digital Echo (Digital Delay)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0305 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL0305 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0305 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Address: No.810, YiShan Road ShangHai China Tel:86-021-64850700 Fax:86-64852222 Zip.200233
BL0305 Digital Echo (Digital Delay)
Application
KARAOKE, TV, VCR. Radio-Cassette Tape Recorder etc.
LPF1 IN
LPF1 OUT
OP1 IN
OP1 OUT
CC2
CC1
GND
REF
LPF2 IN
OP2 IN
OP2 OUT
CLOCK
V
LPF2 OUT
CC
1
7
6
4
5
2
3
14
8
9
10
11
12
13
3
C
µ
0.01
+
1
C1
µ
16K
R2
R3 16K
R4
30K C2
510p
µ
0.1
C5
µ
1
C4
VR1
50K
µ
0.22
C6
0.22
C7
µ
µ
47
C16
µ
C15
0.1
R11*
47K
C14
100p
µ
C13
47
+
0.1µ
C12
16K
R9
R10
16K
0.01µ
C11
R8
16K
µ
0.0022
C10
+
µ
1
C8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com