Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933 Datasheet(PDF) 2 Page - Supertex, Inc

Part # AT9933
Description  Hysteretic Boost-Buck (cuk) LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 Datasheet(HTML) 2 Page - Supertex, Inc

  AT9933 Datasheet HTML 1Page - Supertex, Inc AT9933 Datasheet HTML 2Page - Supertex, Inc AT9933 Datasheet HTML 3Page - Supertex, Inc AT9933 Datasheet HTML 4Page - Supertex, Inc AT9933 Datasheet HTML 5Page - Supertex, Inc AT9933 Datasheet HTML 6Page - Supertex, Inc AT9933 Datasheet HTML 7Page - Supertex, Inc AT9933 Datasheet HTML 8Page - Supertex, Inc AT9933 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
AT9933
Ordering Information
DEVICE
Package Option
8-Lead SOIC
AT9933
AT9933LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN to GND
-0.5V to +100V
CS1, CS2
-0.3V to (V
DD + 0.3V)
PWMD to GND
-0.3V to (V
DD + 0.3V)
GATE to GND
-0.3V to (V
DD + 0.3V)
V
DDMAX
12V
Continuous Power Dissipation (TA = +25°C)
8-Pin SOIC
700mW
Junction to ambient thermal impedance
(typical); using standard footprint
128OC/W
Junction temperature
+150°C
Storage temperature range
-65°C to +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Pin Configuration
VIN
CS1
GATE
REF
GND
VDD
PWMD
CS2
8-Lead SOIC
(top view)
1
2
3
4
8
7
6
5
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Input
V
INDC
Input DC supply voltage range1
*
(2)
-
100
V
DC input voltage
I
INSD
Shut-down mode supply current1
--
0.5
1.0
mA
PWMD connected to GND,
V
IN = 12V
Internal Regulator
V
DD
Internally regulated voltage
*
7.0
7.5
9.0
V
V
IN = 8 – 100V, IDD(ext) = 0,
500pF capacitor at GATE,
PWMD = GND
UVLO
V
DD undervoltage lockout
threshold
*
6.45
6.70
6.95
V
V
IN
rising
∆UVLO
V
DD undervoltage lockout
hysteresis
-
-
500
-
mV
---
Electrical Characteristics
(The * denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C, otherwise the specifications are
at T
A = 25°C. VIN = 12V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com