Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD25HC Datasheet(PDF) 1 Page - Tyco Electronics

Part # FD25HC
Description  FREQUENCY DOUBLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FD25HC Datasheet(HTML) 1 Page - Tyco Electronics

  FD25HC Datasheet HTML 1Page - Tyco Electronics FD25HC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
FD25H / FD25HC
SFD25H
FREQUENCY DOUBLER
• INPUT: 5 TO 2400 MHz
• OUTPUT: 10 TO 4800 MHz
• INPUT DRIVE LEVEL +23 dBm (NOMINAL)
• HERMETICALLY-SEALED PACKAGE
Specifications (Rev. Date: 2/02)*
Guaranteed
Characteristics
Typical
+25
°°°°C
-54
°°°° to +85°°°°C
Conversion Loss (max.)
Fin = 5 to 2400 MHz
12.0 dB
13.5 Db
13.8 dB
Fundamental Suppression (min.)
Fin = 5 to 1000 MHz
Fin = 1000 to 2000 MHz
Fin = 2000 to 2400 MHz
35 dBc
25 dBc
20 dBc
25 dBc
20 dBc
16 dBc
24 dBc
19 dBc
15 dBc
Third Harmonic Suppression
Fin = 5 to 500 MHz
Fin = 500 to 2400 MHz
40 dBc
35 dBc
30 dBc
25 dBc
29 dBc
24 dBc
Input VSWR
Fin = 5 to 2400 MHz
1.5:1
*Measured in a 50-ohm system at +25
°C with nominal input drive level. Guaranteed conversion loss values for FD25HC are 0.5 worse, and only guaranteed
from 0
°C to 50°C. Typical values are measured at +25°C and are not guaranteed.
Absolute Maximum Ratings
Operating Temperature
-54
° to +100°C
Storage Temperature
-65
° to +100°C
Peak Input Power
+26 dBm max. @ +25
°, +23 dBm max. @ +100°C
Outline Drawings
Package
Figure
Model
TO-8
BC
FD25H
SMA Connectorized
CD
FD25HC
Surface Mount
AF
SFD25H


Similar Part No. - FD25HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD25HC MACOM-FD25HC Datasheet
391Kb / 3P
Frequency Doubler
logo
M/A-COM Technology Solu...
FD25HC MA-COM-FD25HC Datasheet
1Mb / 3P
Frequency Doubler
More results

Similar Description - FD25HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD93H MACOM-FD93H Datasheet
321Kb / 3P
FREQUENCY DOUBLER
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
Frequency Doubler
logo
SYNERGY MICROWAVE CORPO...
SMX-C6 SYNERGY-SMX-C6 Datasheet
332Kb / 3P
FREQUENCY DOUBLER
SMX-C9 SYNERGY-SMX-C9 Datasheet
215Kb / 3P
FREQUENCY DOUBLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com