Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS-SERIES Datasheet(PDF) 21 Page - Hosiden Corporation

Part # TCS-SERIES
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS-SERIES Datasheet(HTML) 21 Page - Hosiden Corporation

Back Button TCS-SERIES Datasheet HTML 17Page - Hosiden Corporation TCS-SERIES Datasheet HTML 18Page - Hosiden Corporation TCS-SERIES Datasheet HTML 19Page - Hosiden Corporation TCS-SERIES Datasheet HTML 20Page - Hosiden Corporation TCS-SERIES Datasheet HTML 21Page - Hosiden Corporation TCS-SERIES Datasheet HTML 22Page - Hosiden Corporation TCS-SERIES Datasheet HTML 23Page - Hosiden Corporation TCS-SERIES Datasheet HTML 24Page - Hosiden Corporation TCS-SERIES Datasheet HTML 25Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
20
Unit:mm
TCS7935-14-201
TCS76□9 Series
=9.5mm
=13.5mm
Vertical Sockets
25
19
∅12
9.5
3.5
2
1.5
∅2.2
25
19
∅2.2
13.5
3.5
9.5
3.5
1.5
TCS7689-5120177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com