Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G-SERIES Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G-SERIES
Description  The first & most popular patented high-performance design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G-SERIES Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G-SERIES Datasheet HTML 1Page - List of Unclassifed Manufacturers G-SERIES Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30
2935 Golf Course Drive • Ventura, CA 93003 • (800) 628-4511 • FAX (805) 339-0230 • www.hollandelectronics.com
F SPLICES
F SPLICES
specificAtions
electrical
g-F811
g-F81F*
g-F81xl
F-81
Frequency Range
DC - 3 GHz
DC - 3 GHz
DC - 3 GHz
DC - 3 GHz
Insertion Loss
< .1 dB (1 GHz)
< .2 dB (2 GHz)
< .3 dB (3 GHz)
< .1 dB (1 GHz)
< .2 dB (2 GHz)
< .3 dB (3 GHz)
< .1 dB (1 GHz)
< .2 dB (2 GHz)
< .3 dB (3 GHz)
.3 dB (1 GHz)
.6 dB (2 GHz)
2.0 dB (3 GHz)
Return Loss
> 35 dB (1 GHz)
> 28 dB (2 GHz)
> 26 dB (3 GHz)
> 35 dB (1 GHz)
> 28 dB (2 GHz)
> 26 dB (3 GHz)
> 35 dB (1 GHz)
> 28 dB (2 GHz)
> 26 dB (3 GHz)
> 12 dB (1 GHz)
> 9 dB (2 GHz)
> 6 dB (3 GHz)
Pin Holding Force
> 200g (Initial)
> 120g
(After 50 Inserts)
> 200g (Initial)
> 120g
(After 50 Inserts)
> 200g (Initial)
> 120g
(After 50 Inserts)
> 50g (Initial)
Mechanical
Total Length (mm)
26.3
27
34.05
21.2
Long End/Short End (mm)
11.6 / 10.3
15.4 / 8.6
15 / 15
11.2 / 8
Nut Size (mm)
11 Hex (7/16”)
11 Hex (7/16”)
11 Hex (7/16”)
11 Hex (7/16”)
Body Material
Zinc
Brass
Brass
Zinc
Threads
Machined
Machined
Machined
Machined
Contact Pin
BeCu
BeCu
BeCu
Phos. Bronze
Insulator
HDPE
HDPE
HDPE
PE
CONNECtOrs & AdAPtErs
hollAnd’s superloK™ g-series splices pAss scte 146 2008
using the following specificAtions:
SCTE 103 2004
DC Contact Resistance
Pass
SCTE 144 2007
Insertion Loss
Pass
SCTE 04 1997
Return Loss
>30 dB @ 1002 MHz
SCTE 143 2007
Salt Spray
Pass
SCTE 48-1 2007
Shielding Effectiveness
>100 dB @ 1002 MHz
SCTE 81 2007
Surge Withstand
Pass



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com