Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1419086 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1419086
Description  SAC-3P-20,0-961/M12FS VA - Bus system cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419086 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1419086 Datasheet HTML 1Page - PHOENIX CONTACT 1419086 Datasheet HTML 2Page - PHOENIX CONTACT 1419086 Datasheet HTML 3Page - PHOENIX CONTACT 1419086 Datasheet HTML 4Page - PHOENIX CONTACT 1419086 Datasheet HTML 5Page - PHOENIX CONTACT 1419086 Datasheet HTML 6Page - PHOENIX CONTACT 1419086 Datasheet HTML 7Page - PHOENIX CONTACT 1419086 Datasheet HTML 8Page - PHOENIX CONTACT 1419086 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Bus system cable, PROFIBUS PA (31.25 kbps), 3-position, shielded, free cable end, on Socket
straight M12, coding: A, cable length: 20 m, For Ex area with high-grade steel knurl
Commercial Data
Item number
1419086
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF04
Product Key
BF1CCG
Catalog Page
Page 430 (C-2-2019)
GTIN
4046356541534
Weight per Piece (including packing)
1,290 g
Weight per Piece (excluding packing)
1,287 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P-20,0-961/M12FS VA - Bus system cable
1419086
https://www.phoenixcontact.com/us/products/1419086
Jun 14, 2023, 6:05 AM
Page 1 (16)


Similar Part No. - 1419086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419082 PHOENIX-1419082 Datasheet
563Kb / 17P
SAC-3P- 2,0-961/M12FS VA - Bus system cable
1419083 PHOENIX-1419083 Datasheet
563Kb / 17P
SAC-3P- 5,0-961/M12FS VA - Bus system cable
1419084 PHOENIX-1419084 Datasheet
145Kb / 10P
Bus system cable - SAC-3P-10,0-961/M12FS VA
09/11/2020
1419085 PHOENIX-1419085 Datasheet
563Kb / 17P
SAC-3P-15,0-961/M12FS VA - Bus system cable
1419087 PHOENIX-1419087 Datasheet
643Kb / 17P
SAC-3P- 2,0-961/M12FR VA - Bus system cable
More results

Similar Description - 1419086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419084 PHOENIX-1419084 Datasheet
145Kb / 10P
Bus system cable - SAC-3P-10,0-961/M12FS VA
09/11/2020
1419082 PHOENIX-1419082 Datasheet
563Kb / 17P
SAC-3P- 2,0-961/M12FS VA - Bus system cable
1419096 PHOENIX-1419096 Datasheet
625Kb / 17P
SAC-3P-M12MS/20,0-961 VA - Bus system cable
1419117 PHOENIX-1419117 Datasheet
538Kb / 12P
SAC-3P-M12MR/20,0-961/M12FS VA - Bus system cable
1419083 PHOENIX-1419083 Datasheet
563Kb / 17P
SAC-3P- 5,0-961/M12FS VA - Bus system cable
1419085 PHOENIX-1419085 Datasheet
563Kb / 17P
SAC-3P-15,0-961/M12FS VA - Bus system cable
1419091 PHOENIX-1419091 Datasheet
567Kb / 17P
SAC-3P-20,0-961/M12FR VA - Bus system cable
1419101 PHOENIX-1419101 Datasheet
617Kb / 17P
SAC-3P-M12MR/20,0-961 VA - Bus system cable
1419109 PHOENIX-1419109 Datasheet
546Kb / 12P
SAC-3P-M12MS/20,0-961/M12FS VA - Bus system cable
1419125 PHOENIX-1419125 Datasheet
552Kb / 13P
SAC-3P-M12MS/20,0-961/M12FR VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com