Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP48NNDI Datasheet(PDF) 4 Page - Weidmuller

Part # TP48NNDI
Description  Surge Protect ion Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

TP48NNDI Datasheet(HTML) 4 Page - Weidmuller

  TP48NNDI Datasheet HTML 1Page - Weidmuller TP48NNDI Datasheet HTML 2Page - Weidmuller TP48NNDI Datasheet HTML 3Page - Weidmuller TP48NNDI Datasheet HTML 4Page - Weidmuller TP48NNDI Datasheet HTML 5Page - Weidmuller TP48NNDI Datasheet HTML 6Page - Weidmuller TP48NNDI Datasheet HTML 7Page - Weidmuller TP48NNDI Datasheet HTML 8Page - Weidmuller TP48NNDI Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S u r g e P r o t e c t i o n D e v i c e s
S D S e r i e s
4
Analog outputs
Controller outputs (I/P converters)
Dependent on the working voltage, recommendations
include the SD16, SD32 and SD55, and the equivalent
‘X’ versions.
Digital (on/off) inputs - Switches
Suitable signal protection devices include the SD07, SD16,
SD32 and SD55 modules, and the equivalent “X” versions.
The choice is dependent upon the operating voltage of the
system.
Digital (on/off) outputs -
Alarms, LEDs, solenoid valves, etc.
The SD32 or SD32X are the recommended choice for this
application.
Telemetry Public Switch Telephone Network
(PSTN) - Telemetry outstations
The SDPSTN has been designed specifically for the
protection of signals transmitted on public switched
telephone networks.
AC supplied equipment - PLC, I/O systems
The recommended choice or systems on 110-120V ac is
the SD150X ; for 220-240V ac systems, the SD275X is
recommended.
FIELD CIRCUIT
PROTECTED CIRCUIT
Controller outputs
(I/P converters)
Switches
Alarms, LEDs, solenoid
values, etc.
Telecom line
PLC, I/O systems
4
5
63
1
SD16
SD32
SD35
SD16
SD32X
SD55X
(no fuse)
2xSD15X, SD32X
P
I
V
OV
2
4
5
63
1
SD07
SD16
SD32
SD55
SD07X
SD16X
SD32X
SD55X
(no fuse)
SD
V
OV
Logic Signal
2
4
5
63
1
32V max
SD32
SD32X
(no fuse)
LED
Alarm
SD32X
2
4
5
6
1
PLC,
DCS,
SCADA,
etc.
Final output from
110/120V ac
or
220/240V ac
2
3
4
5
6
1
Modem,
fax or
telephone
Incoming
Telephone
Line
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com