Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553AVZ80 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5553AVZ80
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVZ80 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVZ80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
6
3.2.1
General Notes for Specifications at Maximum Junction Temperature
An estimation of the chip junction temperature, T
J, can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature for the package (oC)
RθJA = junction to ambient thermal resistance (oC/W)
PD = power dissipation in the package (W)
The supplied thermal resistances are provided based on JEDEC JESD51 series of standards to provide
consistent values for estimations and comparisons. The difference between the values determined on the
single-layer (1s) board and on the four-layer board with two signal layers and a power and a ground plane
(2s2p) clearly demonstrate that the effective thermal resistance of the component is not a constant. It
depends on the construction of the application board (number of planes), the effective size of the board
which cools the component, how well the component is thermally and electrically connected to the planes,
and the power being dissipated by adjacent components.
Connect all the ground and power balls to the respective planes with one via per ball. Using fewer vias to
connect the package to the planes reduces the thermal performance. Thinner planes also reduce the thermal
3
Junction to Ambient 1, 3
(@200 ft./min.,
Single layer board)
RθJMA
°C/W
33
24
23
4
Junction to Ambient 1, 3
(@200 ft./min.,
Four layer board 2s2p)
RθJMA
°C/W
22
17
18
5
Junction to Board 4
(Four layer board 2s2p)
RθJB
°C/W
15
12
13
6
Junction to Case 5
RθJC
°C/W
7
8
9
7
Junction to Package Top 6
Natural Convection
Ψ
JT
°C/W
2
2
2
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3 Per JEDEC JESD51-6 with the board horizontal.
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate
method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
6 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Table 3. Thermal Characteristics (continued)
Num
Characteristic
Symbol
Unit
Value
208 MAPBGA 324 PBGA 416 PBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com