Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESD05EB Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # TESD05EB
Description  SOD-523 Bidirectional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TESD05EB Datasheet(HTML) 2 Page - Nanjing International Group Co

  TESD05EB Datasheet HTML 1Page - Nanjing International Group Co TESD05EB Datasheet HTML 2Page - Nanjing International Group Co TESD05EB Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(V)
(V)
@1A
(µA)
(pF)
(max.)
(min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
Storage Temperature Range
TSTG
-55 ~ 150
℃
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
℃
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
DEVICE CHARACTERISTICS
Watts
PARAMETER
SYMBOL
VALUE
250
PPP
VC
IR
CT
VC
IT
260 (10 sec.)
℃
Lead Soldering Temperature
Operating Temperature Range
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VB
PART NUMBER
DEVICE
MARKING
VRWM
TL
10
12
5
1
10
TESD05EB
0
5
6
1
TESD05EB
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com