Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RN Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT232RN
Description  USB UART IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RN Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT232RN Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RN Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Copyright © Future Technology Devices International Limited
2
FT232RN USB UART IC Datasheet
Version 1.0
Document No.: FT_001521 Clearance No.: FTDI#571
1
Typical Applications
•
USB to RS232/RS422/RS485 Converters
•
Upgrading Legacy Peripherals to USB
•
Cellular and Cordless Phone USB data transfer
cables and interfaces
•
Interfacing MCU/PLD/FPGA based designs to
USB
•
USB Audio and Low Bandwidth Video data
transfer
•
PDA to USB data transfer
•
USB Smart Card Readers
•
USB Instrumentation
•
USB Industrial Control
•
USB MP3 Player Interface
•
USB FLASH Card Reader and Writers
•
Set Top Box PC - USB interface
•
USB Digital Camera Interface
•
USB Hardware Modems
•
USB Wireless Modems
•
USB Bar Code Readers
•
USB Software and Hardware Encryption
Dongles
1.1 Driver Support
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
•
Windows 11,64-bit
•
Windows 10 32,64-bit
•
Windows 8/8.1 32,64-bit
•
Windows 7 32,64-bit
•
Windows Server 2008 and Server 2012 R2
•
Mac OS
•
Linux 2.4 and greater
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
•
Windows 11,64-bit
•
Windows 10 32,64-bit
•
Windows 8/8.1 32,64-bit
•
Windows 7 32,64-bit
•
Server 2008 and Server 2012 R2
•
Mac OS
•
Linux 2.4 and greater
•
Android(J2xx)
The drivers listed above are all available to download for free from FTDI website (www.ftdichip.com).
Various 3rd party drivers are also available for other operating systems - see FTDI website
(www.ftdichip.com) for details.
For driver installation, please refer to http://www.ftdichip.com/Documents/InstallGuides.htm
1.2 Part Numbers
Part Number
Package
FT232RNQ-xxxx
32 Pin QFN
FT232RNL-xxxx
28 Pin SSOP
Note: Packing codes for xxxx is:
- Reel: Taped and Reel, (SSOP is 2,000pcs per reel, QFN is 6,000pcs per reel).
- Tube: Tube packing, 47pcs per tube (SSOP only)
- Tray: Tray packing, 490pcs per tray (QFN only)
For example: FT232RNQ-Reel is 6,000pcs taped and reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com