Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP23AF Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP23AF
Description  GP Alkaline High Voltage 12 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP23AF Datasheet(HTML) 1 Page - GPB International Limited.

  GP23AF Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BENEFITS:
- Last longer in car alarm
- Deliver the highest standards
of performance excellence
Other Details:
- Mercury Free & Lead Free Battery
- Average weight: 7.5g
• GP Alkaline
High Voltage
• 12 Volts
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP23AF
APPLICATIONS BEST FOR:
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
0
30
60
90
Discharge Time(hrs)
Voltage(V)
20kΩ load
Cross Reference:
GP
23AF
Energizer
A23
Duracell
MN21
Golden Power
A23G


Similar Part No. - GP23AF

ManufacturerPart #DatasheetDescription
logo
Power-One
GP2320-7R POWER-ONE-GP2320-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
Mallory performance clu...
GP233P MALLORY-GP233P Datasheet
37Kb / 3P
Disc Ceramic Capacitors
GP239 MALLORY-GP239 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GP23AF

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP1604A GP-GP1604A Datasheet
2Mb / 1P
GP Super Alkaline Battery 9 Volts
GP1604AU GP-GP1604AU Datasheet
229Kb / 1P
GP Ultra Alkaline Battery 9 Volts
GP312A GP-GP312A Datasheet
1Mb / 1P
GP Super Alkaline Battery 4.5 Volts
GP908A GP-GP908A Datasheet
3Mb / 1P
GP Super Alkaline Battery 6 Volts
GP164 GP-GP164 Datasheet
1Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP177 GP-GP177 Datasheet
1Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP186F GP-GP186F Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP189F GP-GP189F Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GP191 GP-GP191 Datasheet
1Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GPPX625AF GP-GPPX625AF Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com