Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP3120AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2DP3120AI
Description  1:20 Differential Clock/Data Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3120AI Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2DP3120AI Datasheet HTML 1Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 2Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 3Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 4Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 5Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 6Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 7Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 8Page - Cypress Semiconductor CY2DP3120AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FastEdge™ Series
CY2DP3120
Document #: 38-07514 Rev.*C
Page 6 of 9
Test Configuration
Standard test load using a differential pulse generator and
differential measurement instrument.
Applications Information
Termination Examples
Pu ls e
G enera tor
Z = 50 ohm
Z o = 50 ohm
VT T
VT T
R T = 50 ohm
Z o = 50 ohm
VTT
5"
5"
VT T
R T = 50 ohm
DU T
C Y 2D P 3 120
R T = 50 ohm
R T = 50 ohm
Figure 5. CY2DP3120 AC Test Reference
VTT
Zo = 5 0 o h m
VTT
5"
5"
C Y 2D P 3120
R T = 50 ohm
R T = 50 ohm
VC C
VE E
Figure 6. Standard LVPECL – PECL Output Termination
VT T
Z o = 50 ohm
VT T
5"
5"
C Y 2D P 3120
R T = 5 0 o h m
R T = 50 ohm
VC C
VE E
VB B ( 3 .3 V )
Figure 7. Driving a PECL/ECL Single-ended Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com