Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL2805SW/CH Datasheet(PDF) 10 Page - International Rectifier

Part # AFL2805SW/CH
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2805SW/CH Datasheet(HTML) 10 Page - International Rectifier

Back Button AFL2805SW/CH Datasheet HTML 2Page - International Rectifier AFL2805SW/CH Datasheet HTML 3Page - International Rectifier AFL2805SW/CH Datasheet HTML 4Page - International Rectifier AFL2805SW/CH Datasheet HTML 5Page - International Rectifier AFL2805SW/CH Datasheet HTML 6Page - International Rectifier AFL2805SW/CH Datasheet HTML 7Page - International Rectifier AFL2805SW/CH Datasheet HTML 8Page - International Rectifier AFL2805SW/CH Datasheet HTML 9Page - International Rectifier AFL2805SW/CH Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com
AFL270XXD Series
AFL270XXD Pin Designation
Part Numbering
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 09/02
Available Screening Levels and Process Variations for AFL270XXD Series.
AFL270XXD to Standard Military Drawing Equivalence Table
Pin No.
Designation
1
Positive Input
2
Input Return
3
Case
4
Enable 1
5
Sync Output
6
Sync Input
7
Positive Output
8
Output Return
9
Negative Output
10
Output Voltage Trim
11
Share
12
Enable 2
AFL 270 05 D X / CH
Model
Input Voltage
270 = 270V
28 = 28V
Output Voltage
05 = 5V, 12 = 12V,
15 = 15V
Outputs
S = Single
D = Dual
Case Style
W, X, Y, Z
Screening
– , ES
HB, CH
* per Commercial Standards
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20°C to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-H-38534
Internal Visual
2017
¬
ü
ü
ü
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85
°C
48hrs @ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical (Group A)
MIL-PRF-38534
& Specification
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
Cond C
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
¬
ü
ü
ü
AFL27005D
5962-9550101
AFL27012D
5962-9951801
AFL27015D
5962-9553201



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com