Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVSPIN32G4NH Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVSPIN32G4NH
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVSPIN32G4NH Datasheet(HTML) 2 Page - STMicroelectronics

  EVSPIN32G4NH Datasheet HTML 1Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 2Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 3Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 4Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 5Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 6Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 7Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 8Page - STMicroelectronics EVSPIN32G4NH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
•
Power and garden tools
•
Pumps and fans
•
Drones and aeromodelling
Description
The EVSPIN32G4 is a demonstration board based on the STSPIN32G4 system in
package and STL110N10F7 power MOSFETs. The STSPIN32G4 integrates in a 9x9
mm VFQFPN package, a triple high-performance half-bridge gate driver with a rich
set of programmable features and one mixed signal STM32G431 microcontroller.
The integrated operational amplifiers for current sensing, the drain-source voltage
sensing of each power MOSFET and comparators for overcurrent protection make it
a fully integrated solution for motor control.
Thanks to the integrated voltage regulators both the gate driver and control logic
supplies can be generated starting from the motor supply without dedicated circuitry.
The board ensures a full evaluation of the STSPIN32G4 and is designed for
driving three-phase brushless DC motors and provides an easy-to-use solution for
STSPIN32G4 evaluation in different applications such as power tools, e-Bikes, fans,
and home appliances.
The board can be configured in three-shunt or single-shunt supporting both sensor-
less and sensor-based control algorithms.
The Arduino connector enables the EVSPIN32G4 to be interfaced with expansion
boards, such as MEMS sensors or Bluetooth transceivers, while predisposition for
CAN bus allows interconnection with master or slave modules to build complex
motion control systems.
The on-board ST-LINK/V2 programmer speeds up and simplifies the debugging of
microcontroller firmware.
EVSPIN32G4, EVSPIN32G4NH
DB4420 - Rev 1
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com