Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN32G4
Description  STSPIN32G4 demonstration board for three-phase brushless motors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN32G4 Datasheet HTML 8Page - STMicroelectronics STSPIN32G4 Datasheet HTML 9Page - STMicroelectronics STSPIN32G4 Datasheet HTML 10Page - STMicroelectronics STSPIN32G4 Datasheet HTML 11Page - STMicroelectronics STSPIN32G4 Datasheet HTML 12Page - STMicroelectronics STSPIN32G4 Datasheet HTML 13Page - STMicroelectronics STSPIN32G4 Datasheet HTML 14Page - STMicroelectronics STSPIN32G4 Datasheet HTML 15Page - STMicroelectronics STSPIN32G4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Item
Q.ty
Reference
Description
Value
67
4
R102, R114, R121,
R122
SMT resistor 0603
100, 0.1 W, 5%
68
1
R103
SMT resistor 0603
36k, 0.1 W, 5%
69
1
R104
SMT resistor 0603
1.5k, 0.1 W, 5%
70
1
R107
SMT resistor 0603
4.7k, 0.1 W, 5%
71
1
R110
SMT resistor 0603
2.7k, 0.1 W, 5%
72
8
SC1, SC2, SC3, SC4,
SC5, SC6, SC7, SC8
M3 Cheese-head screw
M3
73
4
SP1, SP2, SP3, SP4
M3 F-F Hexagonal spacer 20 mm
222424
74
3
SW1, SW2, SW3
Tactile switches - 6x6 J-bend SMT
6x6 J-bend SMT
75
1
TIM1(1)
Thermally conductive Gap filler, 150x150 mm
sp.0,5 mm.
7074645
76
2
TP1, TP2
40x71 mils SMD PAD
TP-SMD-S1751-46R
77
7
TP3, TP4, TP5, TP6,
TP7, TP8, TP9
Test point - PCB 1.5 mm diameter
N.M.
78
2
TP10, TP11
TP for Probe
N.M.
79
1
TR1
3/8 Square Trimpot trimming potentiometer, side
adjust
100k
80
1
U1
3-phase brushless motor controller embedding
STM32G431 MCU
STSPIN32G4
81
1
U2
TCAN33x 3.3-V CAN Transceivers with CAN FD
(Flexible Data Rate)
N.M.
82
1
U3
Ultra-low drop and low noise BiCMOS voltage
regulators
LD3985M33R
83
1
U4
Very low capacitance ESD protection
USBLC6-2SC6
84
1
U5
Medium-density performance line ARM®-based
32-bit MCU with 128 Kb Flash, USB, CAN, 7
timers, 2 ADCs, 9 com. interfaces
STM32F103CBT6
85
1
X1
IoT optimized low profile quartz crystal
24.000 MHz
86
1
X2
Crystal 8.0000MHz 8PF SMD
8.0000 MHz
1. Not provided with EVSPIN32G4NH
EVSPIN32G4, EVSPIN32G4NH
Specifications
DB4420 - Rev 1
page 12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com