Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB300STQ. Datasheet(PDF) 1 Page - E-SWITCH

Part # PB300STQ.
Description  Series Pushbutton Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PB300STQ. Datasheet(HTML) 1 Page - E-SWITCH

  PB300STQ. Datasheet HTML 1Page - E-SWITCH PB300STQ. Datasheet HTML 2Page - E-SWITCH PB300STQ. Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Electrical Housewares
Floor Care Appliances
Instrumentation
White Goods
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
pb300 SerieS puShbutton Switch
Specifications subject to change without notice
• SPST or SPDT/Double action
• Double action: first circuit closes mid travel, second
at full travel
• Long travel - 2.0mm
• High actuation force
• Tactile response
Electrical Rating: 30mA @ 28VDC
Electrical Life: 20,000 Cycles
Contact Resistance: 50mΩ Max. Initial
Insulation Resistance: 10GΩ Min. @ 1000VDC
Dielectric Strength: 500VAC for 1 minute
Operating Temperature: -40°C to 95°C
Storage Temperature: -40°C to 95°C
Full Travel: 2.0mm
Contact Arrangement: SPST, SPDT
Actuation Force: ST: 490 grams;
DT 1st position: 600 grams; DT 2nd position: 1150 grams
Medical Equipment
PB300
ST - Single Pole,
Single Throw,
Momentary
DT - Single Pole,
Double Throw (Double
Action), Momentary
Q - Silver
Series
Circuit
Function
Contact
Material


Similar Part No. - PB300STQ.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
99Kb / 6P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
PB3006 VISHAY-PB3006 Datasheet
127Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
25-Mar-2021
PB3006-E3/45 VISHAY-PB3006-E3/45 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB3006-E345 VISHAY-PB3006-E345 Datasheet
99Kb / 6P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
More results

Similar Description - PB300STQ.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437572-2 MACOM-2-1437572-2 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
2-1437572-6 MACOM-2-1437572-6 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
logo
List of Unclassifed Man...
HE5B-M2PB ETC2-HE5B-M2PB Datasheet
417Kb / 4P
HE5B Series Pushbutton Enabling Switch
logo
E-SWITCH
LB22 E-SWITCH-LB22 Datasheet
1,022Kb / 6P
LB22 Series Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com