Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIZ550IO Datasheet(PDF) 4 Page - WIZnet Co., Ltd

Part # WIZ550IO
Description  Initial Release
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZ550IO Datasheet(HTML) 4 Page - WIZnet Co., Ltd

  WIZ550IO Datasheet HTML 1Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 2Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 3Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 4Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 5Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 6Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 7Page - WIZnet Co., Ltd WIZ550IO Datasheet HTML 8Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Last update: 2014/02/07 16:36
products:wiz550io:allpages http://wizwiki.net/wiki/doku.php?id=products:wiz550io:allpages
http://wizwiki.net/wiki/
Printed on 2014/03/11 19:52
J2
1
P
3V3D
Power: 3.3V Power Supply
2
O
RDY
READY
This pin is asserted to low after power on.
When RSTn is activated, WIZ550io does auto configuration with embedded
MAC and default IP address.
After configuration gets completed, WIZ550io raises this pin to HIGH in order
to inform about the completion of WIZ550io’s configuration.
Host processor can only control WIZ55oio when RDY pin is HIGH.
3
I
RSTn
Reset: Low activity
This pin is to initialize WIZ550io.
Hold at least 500us after asserted to LOW and wait for at least 150ms after it
is changed to HIGH until WIY550io configured itself.
4
I
NC
Not Connected
5
O
INTn
Interrupt: Low activity
This pin indicates that W5500 inside WIZ550io requires
MCU's due to events like socket connection, disconnection, data receiving
timeout and WOL (Wake on Lan).
The interrupt is cleared by writing IR register or Sn_IR.
All interrupts are maskable.
6
P
GND
Ground
Caution)
Some users may want to reinitialize W5500 inside WIZ550io with SW reset, not handling RSTn pin. It
will make WIZ550io hang up due to clearance of all information in the registers of W5500. A tiny MCU
inside WIZ550io initializes W5500 with embedded MAC address and a default IP address and
Initialization is triggered by RSTn.
In case of SW reset, all registers in W5500 will be cleared and WIZ550io will not initialize itself. All
information inside WIZ550io will be lost and WIZ550io will hang up instead.
Therefore, we recommend HW reset instead of SW reset. Nevertheless, if users want to use SW reset,
we recommend to save MAC address and network information including IP address, Subnet mask and
Gateway address before SW reset, and writing those information to WIZ550io after SW reset.
2013/08/28 09:08 · jameskim
SPI Operations
There is a W5500 inside WIZ550io. Therefore SPI operation of WIZ550io follows one of W5500. For
more information about SPI operation of WIZ550io, please refer to W5500 Datasheet.
Datasheet
W5500 Datasheet v1.0.2 - English
q
W5500 Datasheet v1.0.2 - Korean
q



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com