Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF52B2104F3950 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MF52B2104F3950
Description  NTC Thermistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF52B2104F3950 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MF52B2104F3950 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF52B2104F3950 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4.4
Thermal time
constant
τ
In still air
sec
≤7
4.5 Insulation resistance
/
100V/DC 1min
MΩ
≥100
4.6
Operating
temperature
/
/
℃
-55 ~ 125
4.7
R&T-table
/
/
/
See attached
table
4.8 Resistance tolerance
/
/
/
See attached
curve
5、Reliability
Item
Test conditions and methods
Technical requirements
5.1
Solderability
The lead wire shall be dipped into solder bath
of 235±5
for 2
℃
~3sec with 6mm space from
the body.
Solder dipped on lead wire should be
uniform and smooth; the coverage
area should be more than 95%.
5.2
Withstand Soldering
heat
The lead wire shall be dipped into solder bath
of 265±5
for
℃
5±1sec with 6mm space from
the body.
No obvious damage,
R25 ΔR/R≤±2%
5.3
Terminal strength
Pull strength:5N,time:10sec
No obvious damage,
R25 ΔR/R≤±2%
5.4
Temperature cycle
-55℃30min→25℃5min→125℃30min
→25℃5min, 5cycles ,recover 4hrs
No obvious damage,
R25 ΔR/R≤±2%
5.5
High temperature
Temperature:125℃,time:16hrs
No obvious damage,
R25 ΔR/R≤±2%
5.6
Low temperature
Temperature:-55℃,Time:2hrs
No obvious damage,
R25 ΔR/R≤±2%
5.7
Low atmospheric
pressure
Atmospheric pressure:40±0.1Kpa,
time :4hrs
No obvious damage,
R25 ΔR/R≤±2%
5.8
Steady humidity
and heat
Temp:40℃,humidity:93%,
Time :500±12hrs
No obvious damage,
R25 ΔR/R≤±2%,
Withstanding voltage ≥700V/AC 1min
Insulating resistance ≥100MΩ
5.9
Damp heat
Temp:25~40℃,humidity:90%,
Time:24hrs
No obvious damage,
R25 ΔR/R≤±2%,
Withstanding voltage ≥700V/AC 1min
Insulating resistance ≥100MΩ
5.1
0
Zero power
endurance at
upper category
temperature
Temp : 125℃±2℃,
Time :1000±24hrs
No obvious damage,
R25 ΔR/R≤±2%
5.1
1
Vibrate
Frequency :10~500HZ,swing :0.75m
or 98m/S2,time :2hurs
No obvious damage,
R25 ΔR/R≤±2%
5.1
2
Bump
Acceleration:250m/S2,pulse duration :
6mS,Bump times:4000times
No obvious damage,
R25 ΔR/R≤±2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com