Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-2500DS-R14-190 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # MF-2500DS-R14-190
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500DS-R14-190 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  MF-2500DS-R14-190 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-190 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x
MF-2500DS-R13-18x
MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
NOTE
NOTE1: Input interface
NOTE2: Shut Down Command interface
NOTE3: Laser bias / Laser backface monitor interface
Data
Data
50ohm
Transmitter
VBB
AC Coupled Interface
TTL
Transmitter
comparator
Td
The transmitter is normally enabled and only requires
an external voltage to disable.
Signal detect
H
L
Optical signal
OFF
ON
LD Module
Laser backface
current monitor
A.P.C
Laser bias
current monitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com