Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP13015Z Datasheet(PDF) 2 Page - Anachip Corp

Part # AP13015Z
Description  300mA Low Dropout (LDO) Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP13015Z Datasheet(HTML) 2 Page - Anachip Corp

  AP13015Z Datasheet HTML 1Page - Anachip Corp AP13015Z Datasheet HTML 2Page - Anachip Corp AP13015Z Datasheet HTML 3Page - Anachip Corp AP13015Z Datasheet HTML 4Page - Anachip Corp AP13015Z Datasheet HTML 5Page - Anachip Corp AP13015Z Datasheet HTML 6Page - Anachip Corp AP13015Z Datasheet HTML 7Page - Anachip Corp AP13015Z Datasheet HTML 8Page - Anachip Corp AP13015Z Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP130
300mA Low Dropout (LDO) Linear Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 May 7, 2004
2/9
Pin Assignments and Pin Descriptions
Package
Type
Code
No.
Name
Description
1
IN
2
OUT
( Top View )
3
2
1
( SOT23)
w
3
GND
1
GND
2
OUT
( Top View )
3
2
1
(SOT23R)
R
3
IN
1
OUT
2
GND
( Top View )
3
2
1
(SOT89)
Y
3
IN
1
GND
2
IN
( Top View )
3
2
1
(SOT89R)
YR
3
OUT
1
IN
2
GND
(Top View)
12
3
(TO92)
Z
3
OUT
1
GND
2
IN
(Top View)
12
3
(TO92R)
ZR
3
OUT
IN: Power Input
OUT: Output Voltage
GND: Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com