Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6310I/PTSQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC18F6310I/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310I/PTSQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC18F6310I/PTSQTP Datasheet HTML 57Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 58Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 60Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 63Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 64Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 59
PIC18F6310/6410/8310/8410
CCPR1H
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
6X10
8X10
--00 0000
--00 0000
--uu uuuu
CCPR2H
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
6X10
8X10
--00 0000
--00 0000
--uu uuuu
CCPR3H
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR3L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP3CON
6X10
8X10
--00 0000
--00 0000
--uu uuuu
CVRCON
6X10
8X10
000- 0000
000- 0000
uuu- uuuu
CMCON
6X10
8X10
0000 0111
0000 0111
uuuu uuuu
TMR3H
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
6X10
8X10
0000 0000
uuuu uuuu
uuuu uuuu
PSPCON
6X10
8X10
0000 ----
0000 ----
uuuu ----
SPBRG1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
RCREG1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TXREG1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TXSTA1
6X10
8X10
0000 0010
0000 0010
uuuu uuuu
RCSTA1
6X10
8X10
0000 000x
0000 000x
uuuu uuuu
IPR3
6X10
8X10
--11 ---1
--11 ---1
--uu ---u
PIR3
6X10
8X10
--00 ---0
--00 ---0
--uu ---u(1)
PIE3
6X10
8X10
--00 ---0
--00 ---0
--uu ---u
IPR2
6X10
8X10
11-- 1111
11-- 1111
uu-- uuuu
PIR2
6X10
8X10
00-- 0000
00-- 0000
uu-- uuuu(1)
PIE2
6X10
8X10
00-- 0000
00-- 0000
uu-- uuuu
IPR1
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
PIR1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu(1)
PIE1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
MEMCON
6X10
8X10
0-00 --00
0-00 --00
u-uu --uu
OSCTUNE
6X10
8X10
00-0 0000
00-0 0000
uu-u uuuu
TRISJ
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TRISH
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com